|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
REVISION THESE DRAWINGS ARE THE PROPERTY OF QUALTEK ELECTRONICS AND NOT TO BE REPRODUCED FOR OR COMMUNICATED TO A THIRD PARTY WITHOUT THE EXPRESS WRITTEN PERMISSION OF AN OFFICER OF QUALTEK ELECTRONICS. REV. B C DESCRIPTION RoHS Compliancy Updated Specifications DATE 06-01-06 09-18-08 APPROVED DP LY 13.4 0.3 15.875 7.925 0.127 2 0.3 2.5 0.2 8.5 0.2 NOTES: 1. 2. 3. 4. 5. 6. RATING: 10A 125VAC CORDAGE: SPT-1, 18/2, 105C, 300V CORD LENGTH: 36 INCHES TERMINATION: BLUNT CUT APPROVALS: UL, cUL RoHS COMPLIANT 4.5 0.2 16.9 8.5 Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20 CONTROLLED Qualtek Electronics Corp. Part Number: Description: FAN-S DIVISION 07199-36 MOLDED FAN CORD FEMALE T UNIT: mm Drawn / Date K.Huang 08-21-98 Checked / Date 08-21-98 REV: C Approved / Date JJH / 08-21-98 |
Price & Availability of 07199-36 |